Part Number Hot Search : 
MBR20 09081 88MZ300 PST9008 SK170 1232A 1900SCFM 00M35V5
Product Description
Full Text Search
 

To Download MS-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MS-7AF, MS-7 and MS-7S
Description
The Gamewell-FCI MS-7 Style manual fire alarm stations are available in a wide variety of configurations. The Stations comply with the Americans with Disabilities Act (ADA) 5-lb. maximum pull force requirement. Operating instructions and Braille text are engraved in the handle. All stations have a key lock/reset which is keyed alike with Gamewell-FCI fire alarm control panels and other manual fire alarm stations.
Non-Coded, Manual Fire Alarm Stations
MS-7AF Velociti Addressable Station
The MS-7AF Velociti(R) Series addressable station is a double action station designed for installation in the signaling line circuit of Gamewell-FCI analog addressable control panels. Activation of the station causes its assigned address to register at the control panel. The door contains an LED which flashes green in normal condition and lights steady red when the station has been activated.* The station features screw terminals.
MS-7
Features
* Addressable stations compatible with all Gamewell-FCI analog addressable fire alarm controls * Conventional stations suitable for use with any UL(R) Listed control panel * Both single and double action stations available * Tumbler lock for test and reset keyed alike with Gamewell-FCI controls * Surface or semi-flush mounting * Shock and vibration resistant * Stations (MS-7LOB) Listed for outdoor applications * Complies with ADA pull force requirements Only the red LED is operative in panels that do not operate in Velociti mode.
MS-7ASF Velociti Addressable Station
The MS-7ASF Velociti(R) Series addressable station is a single action station designed for installation in the signaling line circuit of Gamewell-FCI analog addressable control panels. Activation of the station causes its assigned address to register at the control panel. The door contains an LED which flashes green in normal condition and lights steady red when the station has been activated.* The station features screw terminals. The Velociti(R) Series stations use a communication protocol that substantially increases the speed of communication between the sensors and certain Gamewell-FCI analog addressable fire alarm controls. These devices operate in a grouped fashion. If one of the devices in the group has a status change, the panel's microprocessor stops the group poll and focuses on the single device. The net effect is response speed up to five times greater than earlier designs.
MS-7 Double Action Station
The MS-7 double action station is used with conventionalfire alarm control panels. It features a set of single pole contacts and screw terminals for connection to an initiating circuit.
Velociti(R) is a registered trademark of Honeywell International Inc. UL(R) is a registered trademark of Underwriter's Laboratories Inc. LEXAN(R) is a registered trademark of GE Plastics, a subsidiary of General Electric Company.
An ISO 9001-2000 Company
SIGNALING
FM
APPROVED
S2465
3023594
Approved 67-02-E Vol.VIII 07150-0694:261
MEA
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use. www.gamewell-fci.com 9020-0616 Rev. B2 page 1 of 2 (c)2008 by Honeywell International Inc. All rights reserved.
12 Clintonville Road, Northford, CT 06472-1610 USA * Tel: (203) 484-7161 * Fax: (203) 484-7118
GAMEWELL-FCI
MS-7S Single Action Station
The MS-7S single action station is used with conventional fire alarm control panels. It features a set of single pole contacts and wire leads for connection to an initiating circuit.
Specifications
Material: Contact Ratings: Dimensions: Lexan(R) 0.25 amps. @ 30 VAC/VDC (resistive) 5 5/8" H x 4 1/4" W x 1 1/4" D (14 x 10.1 x 3.2 cm)
MS-7SP Double Action Station
The MS-7SP is a double action station similar to the MS-7 station, with the additional feature of both English and Spanish instructions molded into the unit.
MS-7LOB Double Action Station (Listed for Outdoor Applications)
The MS-7LOB station must be mounted on a Model SB-I/O backbox. In retrofit applications, the station is UL Listed for use with the WP-10 backbox. It is intended for use with conventional control panels and has a set of single pole contacts and screw terminals.
Operating Temperature (MS-7AF): 32 to 120 F (0 to 49 C) Relative Humidity (MS-7AF): 10 to 93% (non-condensing) Alarm Current: .0030 amp. 0.007 for LED Supervisory Current (MS-7AF): .00030 amps.
Ordering Information
Model
MS-7 MS-7AF**
Description
Mounting
The MS-7 interior stations may be surface mounted (use backbox SB-I/0) or semi-flush mounted on a standard double-gang, or 4-inch (10.2 cm) square electrical box. An optional trim ring (BG-TR) may also be used for semi-flush mounting. NYC-Plate The NYC-Plate provides the backplate for the manual pull station. (See Figure 1).
Double action station. Velociti addressable double action station. MS-7ASF Velociti addressable single action station MS-7S Single action station, wire leads. MS-7SP Double action station, English and Spanish instructions. MS-7LOB Double action station, outdoor use. (Must use SB-I/O - Indoor/ outdoor use backbox). SB-I/O Indoor/outdoor use backbackbox. SB-10 Surface backbox. BG-TR. Trim ring for semi-flush mount NYC-Plate NYC backplate for manual pull station **For use with Gamewell-FCI analog addressable control panels only.
Figure 1 NYC-Plate
12 Clintonville Road, Northford, CT 06472-1610 USA * Tel: (203) 484-7161 * Fax: (203) 484-7118 9020-0616 Rev. B2 page 2 of 2 www.gamewell-fci.com
GAMEWELL-FCI


▲Up To Search▲   

 
Price & Availability of MS-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X